Part Number Hot Search : 
WPCN385 AK93C75B 1H220M X10DC1 2SC54 C4098 0505S N120B
Product Description
Full Text Search
 

To Download DSEC16-06BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsea 16-06bc dsec 16-06bc ? 2005 ixys all rights reserved hiperdynfred tm epitaxial diode isoplus220 tm electrically isolated back surface notes: data given for t vj = 25 o c and per diode unless otherwise specified d pulse test: pulse width = 5 ms, duty cycle < 2.0 % e pulse test: pulse width = 300 s, duty cycle < 2.0 % ixys reserves the right to change limits, test conditions and dimensions. features z silicon chip on direct-copper-bond substrate - high power dissipation - isolated mounting surface - 2500v electrical isolation z low cathode to tab capacitance (<15pf) z planar passivated chips z very short recovery time z extremely low switching losses z low i rm -values z soft recovery behaviour z epoxy meets ul 94v-0 applications z antiparallel diode for high frequency switching devices z antisaturation diode z snubber diode z free wheeling diode in converters and motor control circuits z rectifiers in switch mode power supplies (smps) z inductive heating z uninterruptible power supplies (ups) z ultrasonic cleaners and welders advantages z avalanche voltage rated for reliable operation z soft reverse recovery for low emi/rfi z low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch i fav = 2x8 a v rrm = 600 v t rr = 30 ns v rsm v rrm type v v 600 600 dsea 16-06bc 600 600 dsec 16-06bc preliminary data sheet symbol conditions maximum ratings i frms 19 a i favm t c = 110c; rectangular, d = 0.5 8 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 50 a e as t vj = 25c; non-repetitive 0.1 mj i as = 0.9 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.1 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c t l 1.6 mm (0.063 in) from case for 10 s 260 c p tot t c = 25c 60 w v isol 50/60 hz rms; i isol 1 ma 2500 v~ f c mounting force with clip 11...65 / 2.5...15 n / lb weight 2g symbol conditions characteristic values typ. max. i r c t vj = 25c v r = v rrm 60 a t vj = 150c v r = v rrm 0.25 ma v f d i f = 8 a; t vj = 150c 1.65 v t vj = 25c 3.0 v r thjc 2.5 k/w r thch 0.4 k/w t rr i f = 1 a; -di/dt = 50 a/s; 30 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 12 a; -di f /dt = 100 a/s 1.4 1.9 a t vj = 100c dsea dsec 3 1 2 3 1 2 ds98825a (04/05) isoplus220 tm e153432 g d s isolated back surface
dsea 16-06bc dsec 16-06bc ? 2005 ixys all rights reserved fig. 3. peak reverse current i rm versus -di f /dt fig. 2. reverse recovery charge q r versus -di f /dt fig. 1. forward current i f versus v f fig. 4. dynamic parameters q r , i rm versus t vj fig. 5. recovery time t rr versus -di f /dt fig. 6. peak forward voltage v fr and t fr versus di f /dt fig. 7. transient thermal resistance junction-to-case constants for z thjc calculation: ir thi (k/w) t i (s) 1 1.449 0.0052 2 0.5578 0.0003 3 0.4931 0.0169 note: fig. 2 to fig. 6 shows typical values 200 600 1000 0 400 800 40 60 80 100 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 10 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 20 40 60 0.0 0.1 0.2 0.3 v fr di f /dt v 200 600 1000 0 400 800 0 2 4 6 8 10 100 1000 0 50 100 150 200 250 0123 0 5 10 15 20 25 30 i rm q r i f a v f -di f /dt -di f /dt a/ s a v nc a/ s a/ s t rr ns t fr z thjc a/ s s t vj = 150c t vj = 100c t vj = 25c i rm q r v fr t vj = 100c v r = 300 v t vj = 100c v r = 300 v t vj = 100c v r = 300 v dsep 8-06b t fr i f = 5 a i f = 10 a i f = 20 a i f = 5 a i f = 10 a i f = 20 a i f = 5 a i f = 10 a i f = 20 a t vj = 100c i f = 10 a
dsea 16-06bc dsec 16-06bc ? 2005 ixys all rights reserved dsea 16-06bc dsec 16-06bc isoplus220 outline notes: 1. all terminals are tin plated. 2. back surface (4) is electrically isolated from pins 1,2 and 3. pin connections: dsea: 1 - cathode 2 - anode 3 - cathode dsec: 1 -anode 2 - cathode 3 - anode isoplus220 outline


▲Up To Search▲   

 
Price & Availability of DSEC16-06BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X